Part Number Hot Search : 
SP207CA RT8010 TC4531 TC4531 8120J 474HA 1N4903A MMUN2111
Product Description
Full Text Search
 

To Download B5A60VIC07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 7. 12 1/2 semiconductor technical data revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =5a (tc=117 ). repetitive peak reverse voltage : v rrm =60v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.50v(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) b5a60vic schottky barrier type diode (low vf type) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =2.5a - 0.50 0.55 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-20a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=117 ) (note) i o 5 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 70 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 7. 12 2/2 b5a60vic revision no : 1 f(av) average forward current i (a) average forward current i (a) f(av) ambient temperature t ( c) a current derating (ambient) case temperature tc ( c) current derating (case) p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff rr 0 0 0 0 0 0.001 0 80 10 0.01 0.1 1.0 10 100 100 1.0 rated voltage r =4.0 c/w th(j-c) dc 150 square wave applied 40 80 120 160 rated voltage applied r =60 c/w th(j-a) (no heat sink) dc 180 square wave 2.0 4.0 6.0 8.0 2.0 4.0 10 180 square wave dc i av = 20 pk i 6.0 8.0 0 0.1 0.3 0.5 1.0 3.0 5.0 1.0 0.2 0.4 0.6 0.8 1.0 tc=150 c tc=25 c 20 30 40 50 60 110 120 130 140 150 90 2.0 3.0 4.0 5.0 6.0 7.0 8.0 0.5 20 60 100 140 1.0 1.5 2.0 2.5 3.0 3.5 4.0 sine w a ve 10 5 t j =25 c t j =150 c t j =100 c


▲Up To Search▲   

 
Price & Availability of B5A60VIC07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X